Part Number Hot Search : 
DTA113T CM6903B TIP33BF 906CD TU1000 MAX70 151YL APTGT20
Product Description
Full Text Search
 

To Download BF999 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  BF999 nov-08-2002 1 silicon n-channel mosfet triode  for high-frequency stages up to 300 mhz preferably in fm applications 1 2 3 vps05161 esd : e lectro s tatic d ischarge sensitive device, observe handling precaution! type marking pin configuration package BF999 lbs 1 = g 2 = d 3 = s sot23 maximum ratings parameter symbol value unit drain-source voltage v ds 20 v drain current i d 30 ma gate-source peak current  i gsm 10 ma total power dissipation , t s  76 c p tot 200 mw storage temperature t stg -55 ... 150 c channel temperature t ch 150 thermal resistance channel - soldering point 1) r thchs  370 k/w 1 for calculation of r thja please refer to application note thermal resistance
BF999 nov-08-2002 2 electrical characteristics at t a = 25 c, unless otherwise specified. parameter symbol values unit min. typ. max. dc characteristics drain-source breakdown voltage i d = 10 a, - v gs = 4 v v (br)ds 20 - - v gate-source breakdown voltage   i gs = 10 ma, v ds = 0   v (br)gss 6.5 - 12 gate-source leakage current   v gs = 5 v, v ds = 0  i gss - - 50 na drain current v ds = 10 v, v gs = 0 i dss 5 - 18 ma gate-source pinch-off voltage v ds = 10 v, i d = 20 a - v gs (p) - - 2.5 v ac characteristics forward tranconductance v ds = 10 v, i d = 10 ma g fs 14 16 - ms gate input capacitance v ds = 10 v, i d = 10 ma, f = 1 mhz c gss - 2.5 - pf reverse tranfer capacitance v ds = 10 v, i d = 10 ma, f = 1 mhz c dg - 25 - ff output capacitance v ds = 10 v, i d = 10 ma, f = 1 mhz c dss - 1 - pf power gain v ds = 10 v, i d = 10 ma, f = 200 mhz g p - 25 - db noise figure v ds = 10 v, i d = 10 ma, f = 200 mhz f - 1 -
BF999 nov-08-2002 3 output characteristics i d = f ( v ds ) 0 0 eht07308 bf 999 d ds v 20 v gs = 5 10 15 20 ma 25 51015v v 0.6 v 0.4 v 0.2 v 0v -0.2 v -0.4 v v -0.6 0.8 total power dissipation p tot = f ( t s ) 0 20 40 60 80 100 120 c 150 t s 0 50 100 150 200 mw 300 p tot gate transconductance g fs = f ( v gs ) -1 0 eht07309 bf 999 g fs gs v 012v3 5 10 15 ms 20 drain current i d = f ( v gs ) -1 0 eht07310 bf 999 gs v d 10 20 30 ma 01v2
BF999 nov-08-2002 4 gate input capacitance c gss = f ( v gs ) -2 0 eht07311 bf 999 c gss gs v -1 01 v 1 2 pf 3 output capacitance c dss = f ( v ds ) 0 0.0 eht07312 bf 999 c dss ds v 5 10 15 v 0.5 1.0 1.5 pf 2.0 reverse transfer capacitance c dg = f ( v ds ) 0 0 eht07313 bf 999 c dg ds v 5 10 15 v 50 100 150 ff 200 gate input admittance y 11s (common-source) 0 0 eht07314 bf 999 b 11s g 11s 50 100 200 300 400 500 600 700 = 800 f 123ms4 2 4 6 8 10 12 ms 14 mhz mhz mhz mhz mhz mhz mhz mhz mhz
BF999 nov-08-2002 5 gate forward transfer admittance y 21s (common-source) 4 -15 eht07315 bf 999 b 21s g 21s = 800 f 6 8 10 12 14 ms 16 -10 -5 ms 0 700 600 500 400 300 200 100 50 mhz mhz mhz mhz mhz mhz mhz mhz mhz output admittance y 22s (common-source) 0 0 eht07316 bf 999 b 22s g 0.1 0.2 0.3 0.4 ms 0.5 4 5 ms 22s 50 100 200 300 400 500 600 700 = 800 3 2 1 f mhz mhz mhz mhz mhz mhz mhz mhz mhz test circuit for power gain and noise figure f = 200 mhz ehm07024 dr input 60 ? 60 output ? 15 pf 1 nf 1 nf bb515 ? 270 k ? 270 k v ds v tun v tun v g1s 270 k ? bb515 1 nf 15 pf 1 nf


▲Up To Search▲   

 
Price & Availability of BF999

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X